Part Number Hot Search : 
DZ15B HI590503 TLRY4400 11A00 74HCT191 CTS24 2SK31 JHV3428
Product Description
Full Text Search
 

To Download 2SK3434 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3434
TO-263
+0.1 1.27-0.1
MOSFET
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Super low on-state resistance: RDS(on)1 = 20m RDS(on)2 = 31 m MAX. (VGS = 10 V, ID = 24A)
Low Ciss: Ciss =2100 pF TYP. Built-in gate protection diode
+0.2 5.28-0.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
MAX. (VGS = 4 V, ID = 24A)
+0.2 8.7-0.2
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 60 20 48 192 56 1.5 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gat cutoff voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Total Gate Charge Gate to Source Charge Gate to Drain Charge Symbol IDSS IGSS VGS(off) Yfs RDS(on)1 RDS(on)2 Ciss Coss Crss ton tr toff tf QG QGS QGD ID =48A, VDD =48V, VGS = 10 V ID=24A,VGS(on)=10V,RG=10 ,VDD=30V VDS=10V,VGS=0,f=1MHZ Testconditons VDS=60V,VGS=0 VGS= 20V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=20A VGS=10V,ID=24A VGS=4V,ID=24A 1.5 13 2.0 27 16 22 2100 340 170 40 400 120 160 40 7 11 20 31 Min Typ Max 10 10 2.5 Unit A A V S m m pF pF pF ns ns ns ns nC nC nC
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3434

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X